Part Number Hot Search : 
25CMB MC34230 AHC1G MC350 RF3933SR 200PC MSMLG12A 74LS32P
Product Description
Full Text Search
 

To Download 2SK3556-01L03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 p4 item symbol ratings unit drain-source voltage v ds 250 v dsx *5 220 continuous drain current i d 37 pulsed drain current i d(puls] 148 gate-source voltage v gs 30 repetitive or non-repetitive i ar *2 37 maximum avalanche energy e as *1 251.9 maximum drain-source dv/dt dv ds /dt *4 20 peak diode recovery dv/dt dv/dt *3 5 max. power dissipation p d ta=25 c 2.02 tc=25 c 270 operating and storage t ch +150 temperature range t stg electrical characteristics (t c =25c unless otherwise specified) thermalcharacteristics 2sk3556-01l,s,sj fuji power mosfet n-channel silicon power mosfet features high speed switching low on-resistance no secondary breadown low driving power avalanche-proof applications switching regulators ups (uninterruptible power supply) dc-dc converters maximum ratings and characteristic absolute maximum ratings (tc=25c unless otherwise specified) item symbol test conditions zero gate voltage drain current i dss v ds =250v v gs =0v v ds =200v v gs =0v v gs =30v i d =12.5a i d =12.5a v ds =25v v cc =72v i d =12.5a v gs =10v r gs =10 ? min. typ. max. units v v a na m ? s pf nc a v s c ns min. typ. max. units thermal resistance r th(ch-c) channel to case r th(ch-a) channel to ambient 0.463 62.0 c/w c/w symbol v (br)dss v gs(th) i gss r ds(on) g fs c iss c oss c rss td (on) t r td (off) t f q g q gs q gd i av v sd t rr q rr item drain-source breakdown voltaget gate threshold voltage gate-source leakage current drain-source on-state resistance forward transcondutance input capacitance output capacitance reverse transfer capacitance turn-on time t on turn-off time t off total gate charge gate-source charge gate-drain charge avalanche capability diode forward on-voltage reverse recovery time reverse recovery charge test conditions i d =250 a v gs =0v i d = 250 a v ds =v gs t ch =25c t ch =125c v ds =0v v ds =75v v gs =0v f=1mhz v cc =72v i d =12a v gs =10v l=309 h t ch =25c i f =25a v gs =0v t ch =25c i f =25a v gs =0v -di/dt=100a/s t ch =25c v v a a v a mj kv/s kv/s w c c 250 3.0 5.0 25 250 10 100 75 100 816 2000 3000 220 330 15 30 20 30 30 45 60 90 20 30 44 66 14 21 16 24 37 1.10 1.65 0.45 1.5 -55 to +150 outline drawings [mm] *3 i f =-i d , -di/dt=50a/s, vcc=bv dss , tch=150c < << equivalent circuit schematic gate(g) source(s) drain(d) super f ap-g series v gs =10v 200304 *1 l=309h, vcc=48v, see to avalanche energy graph *2 tch=150c < = < *4 v ds 250v *5 v gs =-30v *6 t=60sec f=60hz
2 characteristics 2sk3556-01l,s,sj fuji power mosfet id=f(vgs):80s pulse test, vds=25v,tch=25c id=f(vds):80s pulse test,tch=25c gfs=f(id):80s pulse test, vds=25v,tch=25c rds(on)=f(id):80s pulse test, tch=25c 024681012 0 20 40 60 80 100 20v 7.0v 10v 8v 6.5v 7.5v 6.0v id [a] vds [v] typical output characteristics vgs=5.5v 012345678910 0.1 1 10 100 id[a] vgs[v] typical transfer characteristic 0.1 1 10 100 0.1 1 10 100 gfs [s] id [a] typical transconductance 0 20406080100 0.00 0.05 0.10 0.15 0.20 0.25 7.0v 6.5v rds(on) [ ? ] id [a] typical drain-source on-state resistance 10v 20v 8v 7.5v 6.0v vgs= 5.5v -50 -25 0 25 50 75 100 125 150 0 30 60 90 120 150 180 210 240 270 rds(on) [ m ? ] tch [ c] typ. max. drain-source on-state resistance rds(on)=f(tch):id=12.5a,vgs=10v 0 25 50 75 100 125 150 0 50 100 150 200 250 300 allowable power dissipation pd=f(tc) pd [w] tc [ c]
3 2sk3556-01l,s,sj fuji power mosfet vgs=f(qg):id=25a, tch=25c if=f(vsd):80s pulse test,tch=25c t=f(id):vcc=72v, vgs=10v, rg=10 ? -50 -25 0 25 50 75 100 125 150 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 max. min. gate threshold voltage vs. tch vgs(th)=f(tch):vds=vgs,id=1ma vgs(th) [v] tch [ c] 0 102030405060 0 2 4 6 8 10 12 14 qg [nc] typical gate charge characteristics vgs [v] 96v 72v vcc= 36v 10 -1 10 0 10 1 10 2 10 -2 10 -1 10 0 10 1 c [nf] vds [v] typical capacitance c=f(vds):vgs=0v,f=1mhz crss coss ciss 0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 0.1 1 10 100 if [a] vsd [v] typical forward characteristics of reverse diode 10 -1 10 0 10 1 10 2 10 0 10 1 10 2 10 3 typical switching characteristics vs. id td(on) tr tf td(off) t [ns] id [a] 0255075100125150 0 100 200 300 400 500 600 700 ias=15a ias=22a ias=37a eas [mj] starting tch [ c] maximum avalanche energy vs. starting tch e(as)=f(starting tch):vcc=48v
4 2sk3556-01l,s,sj fuji power mosfet 10 -8 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 -2 10 -1 10 0 10 1 10 2 single pulse maximum avalanche current pulsewidth i av =f(t av ):starting tch=25 c,vcc=48v avalanche current i av [a] t av [sec] 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 -3 10 -2 10 -1 10 0 10 1 maximum transient thermal impedance zth(ch-c)=f(t):d=0 zth(ch-c) [c/w] t [sec] http://www.fujielectric.co.jp/denshi/scd/ outline drawings (mm) type(s) type(sj) 1 2 3 1 2 3 type(l) 1 2 3 1 2 3 4 4


▲Up To Search▲   

 
Price & Availability of 2SK3556-01L03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X